Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR3J Datasheet (PDF) - Diotec Semiconductor

FR3J Datasheet PDF - Diotec Semiconductor
Part # FR3J
Download  FR3J Download
File Size   165.09 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Surface Mount Si-Rectifiers

FR3J Datasheet (PDF)

Go To PDF Page Download Datasheet
FR3J Datasheet PDF - Diotec Semiconductor

Part # FR3J
Download  FR3J Click to download

File Size   165.09 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Surface Mount Si-Rectifiers

FR3J Datasheet (HTML) - Diotec Semiconductor


FR3J Product details

Fast Recovery SMD Rectifier Diodes

Features
VRRM up to 1000 V Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
Rectification of medium frequencies, Snubber or Bootstrap diodes Commercial grade 1)

Mechanical Data 1)
    Taped and reeled 3000 / 13“
    Weight approx. 0.21 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - FR3J

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR3J SURGE-FR3J Datasheet
80Kb / 2P
FAST SWITCHING SURFACE MOUNT RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT -3.0 Amperes?
logo
Transys Electronics
FR3J TRSYS-FR3J Datasheet
145Kb / 3P
FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Dc Components
FR3J DCCOM-FR3J Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR3J MCC-FR3J Datasheet
87Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Semikron International
FR3J SEMIKRON-FR3J Datasheet
120Kb / 2P
Fast silicon rectifier diodes
More results


Similar Description - FR3J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR2A DIOTEC-FR2A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A Datasheet
155Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR1A DIOTEC-FR1A_07 Datasheet
102Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR2TSMA DIOTEC-FR2TSMA Datasheet
90Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR3A DIOTEC-FR3A_07 Datasheet
105Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A_07 Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A_07 Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA154 DIOTEC-SA154_07 Datasheet
73Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA261 DIOTEC-SA261_07 Datasheet
68Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com