Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2L Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # TO-252-2L
Description  T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TO-252-2L Datasheet(HTML) 1 Page - Nanjing International Group Co

  TO-252-2L Datasheet HTML 1Page - Nanjing International Group Co TO-252-2L Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78M05
1 2 3
2
Co
0.1μF
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
Three-terminal positive voltage regulator
FEATURES
Maximum
output current
IOM: 0.5 A
Output voltage
VO: 5V
Continuous total dissipation
PD: 1.25 W
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
25
V
Operating Junction Temperature Range
TOPR
0-+125
℃
Storage Temperature Range
TSTG
-65-+150
℃
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE (Vi=10V,Io=350mA, Ci=0.33μF,Co=0.1μF,unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
℃
4.8
5
5.2
V
Output Voltage
Vo
7V≤V i≤20V, Io=5mA-350mA
Po≤ 15W
0-125
℃
4.75
5
5.25
V
Io=5mA-0.5A
25
℃
15
100
mV
Load Regulation
ΔVo
Io=5mA-200mA
25
℃
5
50
mV
7V≤V i≤25V, Io=200mA
25
℃
3
100
mV
Line Regulation
ΔVo
8V≤V i≤25V, Io=200mA
25
℃
1
50
mV
Quiescent Current
Iq
25
℃
4.2
6
mA
ΔIq
8V≤V i≤25V, Io=200mA
0-125
℃
0.8
mA
Quiescent Current Change
ΔIq
5mA≤IO≤350mA
0-125
℃
0.5
mA
Output Noise Voltage
VN
10Hz≤ f ≤100KHz
25
℃
40
200
μV
Ripple Rejection
RR
8V≤Vi≤18V,f=120Hz,Io=300mA
0-125
℃
62
80
dB
Dropout Voltage
Vd
Io=350mA
25
℃
2
2.5
V
Short Circuit Current
Isc
Vi=10V
25
℃
300
mA
Peak Current
Ipk
25
℃
0.
5
A
TYPICAL APPLICATION
Vi
1
3
Vo
UTC
Ci
0.33μF
TO-251-3L
TO-252-2L
1.IN
2.GND
3.OUT
0.5A
C,Apr,2014
DONGGUAN NANJING ELECTRONICS LTD.,
78M05


Similar Part No. - TO-252-2L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
TO-252-2L ZPSEMI-TO-252-2L Datasheet
568Kb / 2P
Plastic-Encapsulate MOSFETS
TO-252-2L ZPSEMI-TO-252-2L Datasheet
503Kb / 2P
Plastic-Encapsulate MOSFETS
TO-252-2L ZPSEMI-TO-252-2L Datasheet
510Kb / 2P
Plastic-Encapsulate MOSFETS
TO-252-2L ZPSEMI-TO-252-2L Datasheet
502Kb / 2P
Plastic-Encapsulate MOSFETS
More results

Similar Description - TO-252-2L

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
78M12 DGNJDZ-78M12 Datasheet
299Kb / 1P
T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
logo
ZP Semiconductor
CJ78M05H ZPSEMI-CJ78M05H Datasheet
393Kb / 1P
T O - 251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M05-TO251-3L ZPSEMI-CJ78M05-TO251-3L Datasheet
372Kb / 1P
T O -251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M06-TO251-3L ZPSEMI-CJ78M06-TO251-3L Datasheet
651Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M08-TO251-3L ZPSEMI-CJ78M08-TO251-3L Datasheet
613Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M12-TO251-3L ZPSEMI-CJ78M12-TO251-3L Datasheet
1,002Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M15 ZPSEMI-CJ78M15 Datasheet
1Mb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Regulators
CJ7805-TO2513L ZPSEMI-CJ7805-TO2513L Datasheet
1Mb / 2P
TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7806-TO251-3L ZPSEMI-CJ7806-TO251-3L Datasheet
474Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7809-TO251-3L ZPSEMI-CJ7809-TO251-3L Datasheet
703Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com