Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2L Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # TO-252-2L
Description  T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TO-252-2L Datasheet(HTML) 2 Page - Nanjing International Group Co

  TO-252-2L Datasheet HTML 1Page - Nanjing International Group Co TO-252-2L Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
78M05
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
0
25
50
75
100
125
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
5
10
15
20
25
30
35
0
1
2
3
4
5
5.86.06.26.4
6.66.87.07.2
3.2
3.6
4.0
4.4
4.8
5.2
5.6
-25
0
25
50
75
100
125
0
1
2
3
4
5
6
7
0.0
0.1
0.2
0.3
0.4
0.5
2.4
2.8
3.2
3.6
4.0
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
V
IN
=10V
T
J
=25℃
Pulsed
Current Cut-off Grid Voltage
OUTPUT CURRENT
I
O
(A)
JUNCTION TEMPERATURE
T
J
(
)
℃
Power Derating Curve
I
O
=0mA
T
J
=25℃
Pulsed
Quiescent Current
INPUT VOLTAGE
V
IN
(V)
Typical Characterisitics
Output
Characteristics
I
O
=0.2A、0.35A、0.5A
I
O
=0
A
Dropout Characteristics
INPUT VOLTAGE
V
IN
(V)
T
J
=25℃
Pulsed
V
IN
=10V
I
O
=350mA
Pulsed
Output Voltage vs Ambient Temperature
AMBIENT TEMPERATURE
T
a
(
)
℃
V
IN
=10V
T
J
=25℃
Pulsed
OUTPUT CURRENT
I
O
(A)
Quiescent Current vs Output Current
I
O
=0mA
T
J
=25℃
Pulsed
INPUT VOLTAGE
V
IN
(V)
C,Apr,2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com