Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8550D Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # ST8550D
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ST8550D Datasheet(HTML) 3 Page - Nanjing International Group Co

  ST8550D Datasheet HTML 1Page - Nanjing International Group Co ST8550D Datasheet HTML 2Page - Nanjing International Group Co ST8550D Datasheet HTML 3Page - Nanjing International Group Co ST8550D Datasheet HTML 4Page - Nanjing International Group Co ST8550D Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8550
ST 8550
typical
limits
at Tamb=25 C
Admissible power dissipation
versus ambient temperature
Valid provided that leads are kept at
ambient temperature
at a distance of 2 mm from case
ST 8550
Tamb
Ptot
0
0
0.2
100
0.4
0.6
1
0.8
W
150 C
2
o
10
-1
1
200 C
o
10
2
5
10
2
5
-IC
2
5
0
1
-VBE
o
Collector current
versus base emitter voltage
10
2
5
mA
3
25 C
-50 C
o
o
V
2
2
rthA
0.2
1
v=0
10
tp
-6
-4
10
10
10
-5
-1
2
-1
-2
10
10
-3
10
T
10
1
0.01
5
0.005
2
tp
tp
v=
T
0.05
0.02
5
0.1
2
10 S
10
PI
Pulse thermal resistance
versus pulse duration
Valid provided that leads are kept at
ambient temperature
at a distance of 2 mm from case
ST 8550
K/W
10
10
2
0.5
5
2
5
3
2
100
2
0
1
2
10
5
5
2
10
Tamb
Collector cutoff current
versus ambient temperature
nA
-ICES
2
5
3
10
5
10
4
ST 8550



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com