Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8550D Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # ST8550D
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ST8550D Datasheet(HTML) 4 Page - Nanjing International Group Co

  ST8550D Datasheet HTML 1Page - Nanjing International Group Co ST8550D Datasheet HTML 2Page - Nanjing International Group Co ST8550D Datasheet HTML 3Page - Nanjing International Group Co ST8550D Datasheet HTML 4Page - Nanjing International Group Co ST8550D Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8550
200
-VCE
-VBE=0.7V
100
0
0
12V
0.75
ST 8550
Common emitter
collector characteristics
mA
400
300
500
-IC
0.9
0.85
0.8
-IC
-VCE
100
0
0
200
0.4
-IB=0.2mA
12V
0.8
0.6
1.2
1
Common em itter
collector characteristics
3.2
300
400
mA
500
1.8
1.4
1.6
2
2.4
ST 8550
2.8
40
-IB=0.05mA
0
20
010
-VCE
20V
0.1
0.15
ST 8550
0.35
0.25
mA
100
-IC
60
80
Common emitter
collector characteristics
0.3
0.2
DC current gain
versus collector current
150 C
40
10
10
30
20
hFE
100
70
50
200
300
-1
1
10
Ta
mb
=2
5
C
o
1000
700
400
500
-VCE=1V
o
10 2
-IC
10 3
-50 C
o
ST 8550



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com