Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # LL4148
Description  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

LL4148 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  LL4148 Datasheet HTML 1Page - Olitech Electronics Co.Ltd LL4148 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
FAST SWITCHING DIODES
FEATURES
Silicon epitaxial diode
500mW power dissipation
High speed switching diode
MECHANICAL
DATA
Polarity:Color band denotes cathode
Case:
LL-34 glass case
Weight: Approx 0.031 grams
Absolute
Maximum
Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Reverse voltage
VR
v
Peak reverse voltage
VRM
v
Average Rectified Current
IO
mA
Non-repetitive Peak Forward Current
IFSM
mA
Pow er dissipaton at tamb=25
oC
Ptot
mW
Junction temperature
TJ
oC
Storage temperature range
TSTG
oC
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
@ IF=10mA
VF
1.0
v
Leakage current
at VR=20V
at VR=75V
at VR=20V
TJ=150
oC
IR
IR
IR
25
5
50
nA
uA
uA
Capacitance at VF=VR=0V
Ctot
4
pF
Voltage rise when switching on tested with
50mA pulses tp=0,1uS , rise time
30ns, f
p=5 to 100KHz
Vfr
2.5
V
Reverse recovery time
from IF=10mA
VR=6V,RL=100 ,at IR=1mA
trr
4.0
nS
Thermal resistance junction to ambient
RθJA
350
K/W
Rectification effciency at 100MHz,VRF=2V
V
0.45
3.5
0.4±0.1
Cathode indification
Dimensions in millimeters
±0.2
LL-34(SOD-80)
75
100
150
500
500
175
-55-175
1)
1) Valid prov ided that electrodes are kept at ambient temperature.
Glass Encapsulate Diodes
LL4148
Email: info@olitech-elec.com
Website: www.olitech-elec.com
-
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
113Kb / 4P
Fast Switching Diodes
16-Feb-07
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
Fast Switching Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com