Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # LL4148
Description  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

LL4148 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  LL4148 Datasheet HTML 1Page - Olitech Electronics Co.Ltd LL4148 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Typical
Characteristics
mA
IF
F
2
3
T =100 C
J
O
T =25 C
J
O
1
10
10
10
10
10
-2
-1
V
0
1
2V
200
100
0
0
300
400
500
600
700
800
900
1000
mW
Ptot
TA
25
100
175 200℃
0.3
0.1
0.2
n=0
I
0.1
10
10
10
1
10
100
10
1
10S
FRM
V=tp/T
T=1/tp
tp
T
I
FRM
I
-5
-3
-2
-1
FIG.3-ADMISSIBLE REPETITIVE PEAK FORWORD CURRENT VERSUS PULSE DURATION
AMBIENT TEMPERATURE
FIG.2-- FORWARD CHARACTERISTICS
Glass-Encapsulate Diodes
LL4148
OLITECH ELECTRONICS CO. LTD.
Email: info@olitech-elec.com
Website: www.olitech-elec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com