Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98722CCMT/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 35Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 36Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 37Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 38Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 39Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 40Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 41Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 42Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
7.4.12.3 Calibration Initiation
Once these settings have been made, the Register Lock Control bit (Page 0, Register 0, Bit 0) should be set to
begin converting pixels. Once the sensor data from the test image is stable the calibration process can be started
by either setting the CAL register bit at Page 0, Register 0x01h, Bit 5, or by applying a logic high to the CAL input
pin. (Both of these inputs are active when the Register Lock Control is set.) The CAL input pin is particularly
useful for implementing page gap calibration.
7.4.12.4 Key Calibration Settings
Table 8. Key Calibration Settings
General Settings
Calibration Mode
Page 2, Register 0, Bits[1:0]
Black Calibration Only
00
Black and White Full Calibration
01
Black and White Fine Tuning:
10
Number of Lines
Page 2, Register 1
Black Loop Specific Settings
# Black Pixels Averaged
Page 2, Register 2, Bits[1:0]
Black Target
Page 2, Register 3
Black Pixels Start
Page 2, Register 8
ADAC Scaling
Page 2, Register 2, Bits[3:2]
DDAC Scaling
Page 2, Register 2, Bits[5:4]
DDAC enable/disable
Page 2, Register 0, Bit 2
White Loop Specific Settings
White Target
Page 2, Register 5
White Loop Tolerance
Page 2, Register 4, Bits[6:3]
White Pixel Averaging Window Size
Page 2, Register 4, Bits[2:0]
Active/White Pixels Start
Page 2, Registers 0x09h, 0x0Ah
Active/White Pixels End
Page 2, Registers 0x0Bh, 0x0Ch
The calibration loops are intended to be used prior to scanning the page or between pages being scanned. The
black loop calibrates the channel offset such that the ADC outputs the desired code for Optical Black Pixels. The
white loop calibrates the channel gain such that the ADC outputs the desired maximum white value when
scanning a white target image.
The Black Loop and White loop will both update until the # Lines setting is met. Settings of 1 to 254 lines will
cause the loops to run for that many lines, and then stop. A setting of 255 will cause the calibration loops to run
indefinitely.
While using the Auto Black Level Correction Loop, the DAC registers are re-written as required every line the
loop is running.
While using the Auto White Level Correction Loop, the PGA registers are re-written as required every line the
loop is running.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com