Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98722CCMT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM98722CCMT/NOPB
Description  Channel, 16-Bit, 45 MSPS Analog Front End
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM98722CCMT/NOPB Datasheet HTML 9Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 10Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 11Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 12Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 13Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 14Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 15Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 16Page - Texas Instruments LM98722CCMT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 150 page
background image
VA
AGND
To Internal Circuitry
I/O
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
7 Detailed Description
7.1 Overview
The LM98722 is a 16-bit, three-input, complete Analog Front End (AFE) for digital color copier and Multi-Function
Peripheral (MFP) applications. The system block diagram of the LM98722, shown in LM98722 Overall Chip
Block Diagram highlights the main features of the device. Each input has its own Input Bias and Clamping
Network which are routed through a selectable Sample/Hold (S/H) or Correlated Double Sampler (CDS)
amplifier. A +/-9-Bit Offset DAC applies independent offset correction for each channel. A -3 to 17.9dB
Programmable Gain Amplifier (PGA) applies independent gain correction for each channel. The LM98722 also
provides independent Digital Black Level Correction Feedback Loops for each channel. The Black Level
Correction Loop can be configured to run in Manual Mode (where the user inputs their own values of DAC offset)
or in Automatic Mode where the LM98722 calculates each channel’s Offset DAC value during optical black pixels
and then adjusts the Offset register accordingly. The signals are routed to a single high performance 16-bit, 45-
MHz analog-to-digital converter.
The analog inputs are protected as shown in Figure 1. Input voltage magnitude up to 500 mV beyond the supply
rails will not damage this device. However, input errors will be generated if the input goes above VA and below
AGND.
Figure 1.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com