Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4013BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4013BM
Description  Dual D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4013BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4013BM Datasheet HTML 1Page - National Semiconductor (TI) CD4013BM Datasheet HTML 2Page - National Semiconductor (TI) CD4013BM Datasheet HTML 3Page - National Semiconductor (TI) CD4013BM Datasheet HTML 4Page - National Semiconductor (TI) CD4013BM Datasheet HTML 5Page - National Semiconductor (TI) CD4013BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5946
February 1988
CD4013BMCD4013BC Dual D Flip-Flop
General Description
The CD4013B dual D flip-flop is a monolithic complementa-
ry MOS (CMOS) integrated circuit constructed with N- and
P-channel enhancement mode transistors Each flip-flop
has independent data set reset and clock inputs and ‘‘Q’’
and ‘‘Q’’ outputs These devices can be used for shift regis-
ter applications and by connecting ‘‘Q’’ output to the data
input for counter and toggle applications The logic level
present at the ‘‘D’’ input is transferred to the Q output during
the positive-going transition of the clock pulse Setting or
resetting is independent of the clock and is accomplished
by a high level on the set or reset line respectively
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Applications
Y
Automotive
Y
Alarm system
Y
Data terminals
Y
Industrial electronics
Y
Instrumentation
Y
Remote metering
Y
Medical electronics
Y
Computers
Connection Diagram
Dual-In-Line Package
TLF5946 – 1
Top View
Order Number CD4013B
Truth Table
CL
DRSQQ
L
00
0
0
1
L
10
0
1
0
K
x0
0
Q
Q
xx
1
0
0
1
xx
0
1
1
0
xx
1
1
1
1
No change
e
Level change
x e Don’t care case
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4013BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4013BM TI-CD4013BM Datasheet
518Kb / 12P
CMOS DUAL D-TYPE FLIP-FLOP
CD4013BM TI-CD4013BM Datasheet
1Mb / 17P
CMOS Dual D - Type Flip-Flop
CD4013BM TI1-CD4013BM Datasheet
1Mb / 17P
CMOS Dual D-type Flip Flop
CD4013BM96 TI-CD4013BM96 Datasheet
518Kb / 12P
CMOS DUAL D-TYPE FLIP-FLOP
CD4013BM96 TI-CD4013BM96 Datasheet
1Mb / 17P
CMOS Dual D - Type Flip-Flop
More results

Similar Description - CD4013BM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
Dual Type D Flip-Flop
logo
National Semiconductor ...
MM54C74 NSC-MM54C74 Datasheet
120Kb / 6P
Dual D Flip-Flop
logo
System Logic Semiconduc...
SL4013B SLS-SL4013B Datasheet
39Kb / 5P
Dual D Flip-Flop
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK4013B KODENSHI-KK4013B Datasheet
263Kb / 6P
Dual D Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Unisonic Technologies
U74HC74 UTC-U74HC74_15 Datasheet
123Kb / 5P
DUAL D FLIP-FLOP
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com