Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3PCIE3442ZLE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3442ZLE
Description  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442ZLE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3PCIE3442ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
Ordering Information
Ordering Code
Package Code
Package Description
PI3PCIE3442ZHE
ZH
42-contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PI3PCIE3442ZLE
ZL
40-contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
Notes:
•
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
•
"E" denotes Pb-free and Green
•
Adding an "X" at the end of the ordering code denotes tape and reel packaging
DATE: 11/14/12
DESCRIPTION: 42-contact Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZH42
DOCUMENT CONTROL #: PD-2035
REVISION:D
Notes:
1. All dimensions are in millimeters. Angles in degrees.
2. Coplanarity applies to the exposed pad as well as the terminals.
3. Refer JEDEC MO-220.
4. Recommended land pattern is for reference only.
5. Thermal pad soldering area
12-0529
Note: For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
Packaging Information: 42-Contact TQFN (3.5x9mm)
14-0088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com