Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3PCIE3442ZLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3442ZLE
Description  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442ZLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3PCIE3442ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
Pin Diagram 42-TQFN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
B0+
B0-
D0+
D0-
B1+
B1-
D1+
D1-
VDD
B2+
B2-
D2+
D2-
B3+
B3-
D3+
D3-
A0+
A0-
C0+
C0-
A1+
A1-
C1+
C1-
SEL
A2+
A2-
C2+
C2-
A3+
A3-
C3+
C3-
GND
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
1
2
3
4
5
6
7
8
9
10
11
12
13
14
34
33
32
31
30
29
28
27
26
25
24
23
22
D0+
D0-
B1+
B1-
D1+
D1-
B2+
B2-
D2+
D2-
B3+
B3-
C0+
C0-
A1+
A1-
C1+
C1-
SEL
A2+
A2-
C2+
C2-
A3+
A3-
C3+
21
GND
VDD
GND
Pin Diagram 40-TQFN
14-0088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com