Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB32 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB32
Description  High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB32 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB32 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PI3USB32
High-Speed USB 2.0 (480 Mbps)
1-port Switch with Full Power Down Feature
PS9010B
03/25/10
Dynamic Electrical Characteristics (over operating range, TA = –40°C TO 85°C, VDD = 3.3 V ± 10%, GND = 0 V)
Parameter
Description
Test Conditions(1)
Typ.(1)
Units
OIRR
OFF isolation
RL = 50-Ohms, f = 240 MHz
-30
dB
BW
Bandwidth (-3 dB)
RL = 50-Ohms
2110
MHz
Xtalk
Crosstalk
RL =50-Ohms, f = 240 MHz
-55
dB
Notes:
1. For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
Switching Characteristics (over operating range, TA = –40°C TO 85°C, VDD = 3.3 V ± 10%, GND = 0 V)
Parameters
Description
Test Conditions (1)
Min.
Typ.
Max. Units
tPD
Propagation Delay(2,3)
RL = 50 W, CL = 5 pF
0.35
ns
tON
Line Enable Time, OE to D+/D-
RL = 50 W, CL = 5 pF
55
ns
tOFF
Line Disable Time - OE to D+/D-
RL = 50 W, CL = 5 pF
25
ns
tSK(P)
Skew between opposite transitions of the same output
(tPHL - tPLH)2
RL = 50 W, CL = 5 pF
50
ps
tJ
Total Jitter2
RL = 50 W, CL = 5
pF, tR = tF = 500 ps
at 480 Mbps (PBRS=
215 - 1)
200
ps
Notes:
1. For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
2. Guaranteed by design.
3. The bus switch contributes no propagational delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch, when used in
a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
10-0146



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com