Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB32 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB32
Description  High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB32 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB32 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PI3USB32
High-Speed USB 2.0 (480 Mbps)
1-port Switch with Full Power Down Feature
PS9010B
03/25/10
Reccomended Operating Conditions(1)
Parameter
Description
Min.
Max.
Units
VDD
Supply voltage
3.0
4.3
V
VIH
High-level control input voltage
VDD = 3V to 3.6V
1.3
V
VDD = 4.3 V
1.7
VIL
Input LOW Voltage
VDD = 3V to 3.6V
0.5
V
VDD = 4.3 V
0.6
VI/O
Data input/output voltage
0
VDD
V
TA
Operating free-air temperature
-40
85
°C
Notes:
1. All unused control inputs of the device must be held at VDD or GND to ensure proper device operation.
Electrical Characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS1
MIN
TYP(2)
MAX
UNIT
VIK
VDD = 3 V, II = –18 mA
-1.2
V
IIN
Control
inputs
VDD = 4.3 V, VIN = 0 to 4.3 V, VDD = 0 V
±1
μA
IOZ(3)
VDD = 4.3 V, VO = 0 to 3.6V, VI = 0, Switch OFF
±1
μA
IOFF
D+ and
D-
VDD = 0 V, VO = 0 to 4.3 V, VI = 0, VIN = VDD or GND
±2
μA
ICC
VDD = 4.3 V, II/O = 0
70
μA
DICC(4) Control
inputs
VDD = 4.3 V, VIN = 2.6 V
10
μA
CIN
Control
inputs
VDD = 0 V, VIN = VDD or GND
1
pF
Cio(OFF)
VDD = 3.3 V, Switch OFF
2
pF
Cio(ON)
VDD = 3.3 V, Switch ON
5
pF
RON(5)
VDD = 3 V, VI = 0.4 V, IO = –8 mA
6
10
W
DRON
VDD = 3 V, VI = 0.4 V, IO = –8 mA
0.35
W
DRON(flat)
VDD = 3 V, VI = 0 V or 1 V, IO = –8 mA
2
W
Notes:
1. VIN and IIN refer to control input (OE). VI, VO, II, and IO refer to data pins.
2. All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
3. For I/O ports, the parameter IOZ includes the input leakage current.
4. This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VDD or GND.
5. Measured by the voltage drop between the D and HSD terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two terminals.
10-0146



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com