Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB42 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB42
Description  USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB42 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB42 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2011-11-0004
PT0378-1
8/26/11
2
PI3USB42
USB2.0 High-Speed (480Mbps) Signal Switch
With Vbus Short Protection
Maximum Ratings
Storage Temperature ............................................................. 65
℃ to +150℃
Supply Voltage to Ground Potential ........................................-0.5V to +4.6V
Control Input Voltage ................................................................-0.5V to 4.6V
DC Switch Voltage (D+, D-, D+A, D-A, D+B and D-B) ..... -0.5V to 5.25V
DC Output Current .............................................................................120mA
Power Dissipation ..................................................................................0.5W
ESD(HBM) .......................................................................................... .>8kV
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Operating Voltage
1.8
-
4.3
VCNTRL
(1)
Control Input Voltage
0
-
4.3
VINPUT
Switch Input Voltage
-0.5
-
4.3
V
TA
Operating Temperature
-40
-
85
°C
Notes:
1. The control input must be held high or low and it must not float.
DC Electrical Characteristics
(TA = -40°C to +85°C, VDD = 3.0V - 4.4V)
Parameter
Description
Test Conditions
(1)
Min
Typ
(2)
Max
Unit
VIH
Input High Voltage
Guaranteed High Level
1.2
-
-
VIL
Input Low Voltage
Guaranteed Low Level
-
-
0.60
VIK
Clamp Diode Voltage
VDD = Max., ISEL = -18mA
-
-0.7
-1.2
V
IIH
Input High Current
VDD = Max., VSEL = VDD
-
-
±100
IIL
Input Low Current
VDD = Max., VSEL = GND
-
-
±100
nA
RON
Switch On-Resistance
(3)
VDD = Min., 0 ≤ VINPUT ≤0.4V,
IINPUT= -40mA
-
4.0
5.5
RFLAT(ON)
On-Resistance Flatness
(3)
VDD = Min., 0 ≤ VINPUT ≤0.4V,
IINPUT = -40mA
-
0.25
-
△R
ON
On-Resistance match
from center
ports to any other port
(3)
VDD = Min., 0 ≤ VINPUT ≤0.4V,
IINPUT = -40mA
-
0.1
1.0
IOZ
Output leakage current
when port is off
VDD = 4.3V, 0 ≤ VINPUT ≤0.4V
-
-
±100
nA
IOFF
Power-Off Leakage
Current
VINPUT =0V~4.3V, VDD=0V
-
-
100
nA
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. VDD = 3.0 - 4.4V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between D and Dn pin at indicated current through the Switch On-Resistance is determined
by the lower of the voltages on the two (D, Dn) pins.
Note:
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
reliability.
The input and output negative voltage ratings
may be exceeded if the input and output diode
current ratings are observed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com