Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB42 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB42
Description  USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB42 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB42 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB42 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2011-11-0004
PT0378-1
8/26/11
3
PI3USB42
USB2.0 High-Speed (480Mbps) Signal Switch
With Vbus Short Protection
Power Supply Characteristics
(TA = -40°C to +85°C, VDD = 3.0V - 4.4V)
Parameter
Description
Test Conditions
(1)
Min
Typ
Max
Unit
ICC
Quiescent Power
Supply current
VDD = Max., VSEL = VDD or GND
-
-
100
nA
ICCT
Increase in ICC
Current per
Control Voltage
and VDD
VCNTRL =1.8V, VDD=4.3V
-
5.8
15
A
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
Capacitance
(T
A = 25°C, VDD = 3.0V, f = 1MHz)
Parameters
Description
Test Conditions
Min.
Typ
Max.
Units
C
CNTRL
Control logic pin Input Capacitance
-
6.0
-
C
OFF
Switch Capacitance, Switch OFF
-
1.9
-
C
ON
Switch Capacitance, Switch ON
VSEL = 0V
-
6.0
-
pF
Dynamic Electrical Characteristics Over the Operating Range
(TA = 25°C, VDD = 3.0V)
Parameters
Description
Test Conditions(1)
Min.
Typ
Max.
Units
XTALK
Crosstalk
-
-41
-
OIRR
OFF Isolation
RL = 50 , f = 240 MHz
-
-37
-
dB
BW
–3dB Bandwidth
RL = 50
-
770
-
MHz
Switching Characteristics
(TA = 25°C, VDD = 3.0V)
Parameters
Description
Test Conditions
(1)
Min
Typ
Max
Units
tPD
Propagation Delay
(2,3)
-
0.25
-
tPZH, tPZL
Line Enable Time - SEL to
D(+/-), D(+/-)n
-
25
-
tPHZ, tPLZ
Line Disable Time - SEL to
D(+/-), D(+/-)n
See Test Circuit for
Electrical Characteristics
-
4
-
ns
tBBM
Break-Before-Make
-
-
7
-
ns
VDD = 3V
-
-
35
tSKb-b
Output skew, bit-to-bit
(opposite transition of the same
output (tPHL-tPLH)
(2)
VDD = 4V
-
-
60
ps
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Guaranteed by design.
3. The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay
of the switch when used in a system is determined by the driving circuit on the driving side of the switch and its interactions with
the load on the driven side.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com