Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB102GZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB102GZLE
Description  USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102GZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB102GZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
09/18/14
PI3USB102G
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VDD = 3.0 - 5.5V)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
1.4
V
VIL
Input LOW Voltage
Guaranteed LOW level
0.8
VIK
Clamp Diode Voltage
VDD = Max., IIK = –18mA
-0.7
-1.2
IIH
Input HIGH Current for SEL and OE
VDD = Max., VIH = VDD
-100
100
nA
IIL
Input LOW Current for SEL and OE
VDD = Max., VIL = GND
-100
100
IIH
Input HIGH Current for Y+/Y-
VDD = 3.3V., VY = 5.25V
50
uA
IIL
Input LOW Current for Y+/Y-
VDD = 3.3V., VY = 0V
1
ILeakage
Leakage from Y+/Y- to Vdd when
VY+/Y- > Vdd
VDD = 3.3V., VY+/Y- = 5.25V,
OE = LOW
200
nA
RON
Switch On-Resistance(3)
VDD = 3V, 0V ≤ Vinput ≤ 1.0V,
ION = –40mA
4.0
5.0
Ω
RFLAT(ON)
On-Resistance Flatness(3)
VDD = 3V, 0V ≤ Vinput ≤ 1.0V,
ION = –40mA
1.5
D
RON
On-Resistance match from center
ports to any other port(3)
VDD = 3V, 0V ≤ Vinput ≤ 1.0V,
ION = –40mA
0.9
2.0
VOVP
Input Over-Voltage Protection Thresh-
old(4)
VDD = 3.0 V
3.1
3.2
3.4
V
VDD = 3.3 V
3.4
3.5
3.7
VDD = 3.6 V
3.7
3.8
4.0
IOZ_M
Output leakage current on port M
when D path is on
VY+/Y- = 5.25V, VDD = 3.3V
SEL = High, VM+/M- = 0V
-200
200
nA
IOZ_D
Output leakage current on port D
when M path is on
VY+/Y- = 5.25V, VDD = 3.3V
SEL = Low, VD+/D- = 0V
-200
200
nA
IOFF
Y+/Y- Power-Off Leakage
Current
Vinput = 0V to 5V, VDD = 0V
0.2
1
uA
Storage Temperature ......................................................–65°C to +150°C
Supply Voltage to Ground Potential ....................................–0.5V to +6V
DC Input Voltage .................................................................–0.5V to +6V
DC Output Current ........................................................................120mA
Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
IDD
Power Supply Current
VDD = 3.3V, OE = GND, VSEL =
GND or VDD
1
2
uA
14-0136



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com