Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB102GZLE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB102GZLE
Description  USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102GZLE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB102GZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102GZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
09/18/14
Features
• USB 2.0 compliant (high speed, full speed, and low speed)
• RON: 4.0Ω typical @ VDD = 3.0V
• Channel On Capacitance: 6.0pF
• Wide -3dB Bandwidth: 1,000MHz
• Low bit-to-bit skew
• Low Crosstalk: -29B @ 480 Mbps
• Off Isolation: -28dB @ 480 Mbps
• Near-Zero propagation delay: 250ps
• Support 1.8-V logic on control pins
• VDD Operating Range: 3.0V to 5.5V
• ESD: 8kV HBM on Y+/Y- pins per JESD22 standard
• Y+/Y- pins have over-voltage protection and can tolerate a
short to VBUS
• Packaging (Pb-free & Green):
10-contact TQFN, 1.3mm x 1.6mm x 0.75mm (ZL10)
Application
• Routes signals for USB 2.0
• PC, Notebooks and Hand-held devices
Description
The PI3USB102G is a single differential channel 2:1 multiplexer/
demultiplexerUSB2.0Switch.Industryleadingadvantagesinclude
a propagation delay of 250ps, resulting from its low channel re-
sistance and I/O capacitance. PI3USB102G is bidirectional and
offers very little attenuation of high-speed signals. It is designed
for low bit-to-bit skew, high channel-to-channel noise isolation
and is compatible with various standards, such as High Speed
USB 2.0 (480 Mb/s).
The PI3USB102G offers over voltage protection for theY+/Y- pins
as per the USB 2.0 specification. With the chip powered on or off if
Y+/Y- pins are shorted to VBUS (5V +/- 5%), M+/M- and D+/D-
outputs are clamped to provide voltage protection for downstream
devices.
The PI3USB102G has a better Y+/Y- power-off leakage current
with the voltage range of 0V to 5V versus 0V to 3.3V for the
PI3USB102E.
Block Diagram
M+
Y+
M -
Y -
D -
D+
OE
SEL
Control
Logic
over voltage
protection
over voltage
protection
PI3USB102G
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
with Improved Ioff Voltage Range
14-0136


Similar Part No. - PI3USB102GZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB102 PERICOM-PI3USB102 Datasheet
564Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102EZLE PERICOM-PI3USB102EZLE Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102ZLE PERICOM-PI3USB102ZLE Datasheet
564Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PI3USB102ZLE PERICOM-PI3USB102ZLE Datasheet
630Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
More results

Similar Description - PI3USB102GZLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB31 TI-TS3USB31 Datasheet
650Kb / 17P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
602Kb / 16P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
logo
Fairchild Semiconductor
FSA832 FAIRCHILD-FSA832 Datasheet
768Kb / 3P
USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com