Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet (PDF) - Diodes Incorporated

PI3USB103 Datasheet PDF - Diodes Incorporated
Part # PI3USB103
Download  PI3USB103 Download
File Size   1245.35 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection

PI3USB103 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB103 Datasheet PDF - Diodes Incorporated

Part # PI3USB103
Download  PI3USB103 Click to download

File Size   1245.35 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection

PI3USB103 Datasheet (HTML) - Diodes Incorporated


PI3USB103 Product details

Features
• USB 2.0 compliant (high speed and full speed)
• RON is 3.0Ω typical @ VDD = 3.0V
• Low bit-to-bit skew
• Low Crosstalk: –33dB @ 480 Mbps
• Off Isolation: –30dB @ 480 Mbps
• Near-Zero propagation delay: 250ps
• Channel On Capacitance: 6.0pF (typ)
• VDD Operating Range: 3.0V to 3.6V
• Data pin I/O ESD (pins 1, 2, 4, 5, 6, and 7): ±4kV contact per
IEC61000-4-2 spec
• -3dB BW of 1400MHz
• I/O pins have over-voltage protection and can tolerate a short
to Vbus
• Packaging (Pb-free & Green):
− 10-contact TQFN, 1.3mm x 1.6mm x 0.75mm (ZL10)




Similar Part No. - PI3USB103

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PI3USB103ZLE PERICOM-PI3USB103ZLE Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
More results


Similar Description - PI3USB103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PI3USB102G PERICOM-PI3USB102G Datasheet
871Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102 PERICOM-PI3USB102_08 Datasheet
630Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com