Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB103 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB103 Datasheet HTML 1Page - Diodes Incorporated PI3USB103 Datasheet HTML 2Page - Diodes Incorporated PI3USB103 Datasheet HTML 3Page - Diodes Incorporated PI3USB103 Datasheet HTML 4Page - Diodes Incorporated PI3USB103 Datasheet HTML 5Page - Diodes Incorporated PI3USB103 Datasheet HTML 6Page - Diodes Incorporated PI3USB103 Datasheet HTML 7Page - Diodes Incorporated PI3USB103 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.diodes.com
01/18/17
All trademarks are property of their respective owners.
Features
• USB 2.0 compliant (high speed and full speed)
• RON is 3.0Ω typical @ VDD = 3.0V
• Low bit-to-bit skew
• Low Crosstalk: –33dB @ 480 Mbps
• Off Isolation: –30dB @ 480 Mbps
• Near-Zero propagation delay: 250ps
• Channel On Capacitance: 6.0pF (typ)
• VDD Operating Range: 3.0V to 3.6V
• Data pin I/O ESD (pins 1, 2, 4, 5, 6, and 7): ±4kV contact per
IEC61000-4-2 spec
• -3dB BW of 1400MHz
• I/O pins have over-voltage protection and can tolerate a short
to Vbus
• Packaging (Pb-free & Green):
− 10-contact TQFN, 1.3mm x 1.6mm x 0.75mm (ZL10)
Description
The PI3USB103 is a single differential channel 2:1 multiplexer/
demultiplexer USB 2.0 Switch. Industry leading advantages include
a propagation delay of less than 250ps, resulting from its low channel
resistance and I/O capacitance. The device multiplexes differential
outputs from a USB Host device to one of two corresponding outputs.
The switch is bidirectional and offers little or no attenuation of the
high-speed signals at the outputs. It is designed for low bit-to-bit
skew, high channel-to-channel noise isolation and is compatible
with various standards, such as High Speed USB 2.0 (480 Mb/s).
The PI3USB103 offers over voltage protection per the USB 2.0
specification. With the chip powered on or off, all I/O pins can
withstand a short to Vbus. If VDD = 0V, the I/Os can still have
signals present, and the signal will NOT leak through to VDD.
Block Diagram
Pin Description
Truth Table
SEL
OE
Y+
Y-
X
H
Hi-Z
Hi-Z
L
L
M+
M-
H
L
D+
D-
SEL
Y-
Y+
OE
M+
M-
D+
D-
1
2
7
6
8
D+
Y+
3
4
5
9
10
D-
Y-
A product Line of
Diodes Incorporated
PI3USB103
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
Application
• Routes signals for USB 2.0
• Hand-held devices
17-0003


Similar Part No. - PI3USB103

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PI3USB103ZLE PERICOM-PI3USB103ZLE Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
More results

Similar Description - PI3USB103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PI3USB102G PERICOM-PI3USB102G Datasheet
871Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102 PERICOM-PI3USB102_08 Datasheet
630Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com