Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB103 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3USB103 Datasheet HTML 1Page - Diodes Incorporated PI3USB103 Datasheet HTML 2Page - Diodes Incorporated PI3USB103 Datasheet HTML 3Page - Diodes Incorporated PI3USB103 Datasheet HTML 4Page - Diodes Incorporated PI3USB103 Datasheet HTML 5Page - Diodes Incorporated PI3USB103 Datasheet HTML 6Page - Diodes Incorporated PI3USB103 Datasheet HTML 7Page - Diodes Incorporated PI3USB103 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
A product Line of
Diodes Incorporated
PI3USB103
www.diodes.com
01/18/17
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VDD = 3.0 - 3.6V)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed
HIGH level
VDD = 3.3V
1.3
VDD
V
VIL
Input LOW Voltage
Guaranteed HIGH level
GND
0.6
VIK
Clamp Diode Voltage
VDD = Max., IIK = –18mA
-1.2
IIH
Input HIGH Current
VDD = Max., VIH = VDD
±5
µA
IIL
Input LOW Current
VDD = Max., VIL = GND
±5
RON
Switch On-Resistance for USB
2.0 HS signal(3)
VDD = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = –40mA
3.0
5.0
Ω
RON
Switch On-Resistance for USB
FS signal
VDD = min., 0V ≤ Vinput ≤ 3.3V
9
RON
Switch On-Resistance for MHL
signal
VDD = min. 2V ≤ Vinput ≤ 3.3V
9
RON(flat)
On-resistance flatness
VDD = min. -0.4V ≤ Vinput ≤ 1.0V
0.15
0.5
D
RON
On-Resistance match from cen-
ter ports to any other port(3)
VDD = Min., -0.4V ≤ Vinput ≤ 0.4V,
ION = -40mA
0.9
2.0
IOZ
I/O leakage current when port
is off
VDD = 3.6V, Vinput = 0 to 3.6V,
switch = off, OE = HIGH
±2
µA
IOFF
Signal leakage when chip is off
VDD = 0V, Vinput = 0 to 7V
±10
µA
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. VDD = 3.0 - 3.6V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between D and Dn pin at indicated current through the Switch On-Resistance is determined by the lower of the voltages on the two
(D, Dn) pins.
All trademarks are property of their respective owners.
Storage Temperature ......................................................–65°C to +150°C
Supply Voltage to Ground Potential .................................–0.5V to +4.0V
DC Input Voltage .................................................................–0.5V to +7V
DC Output Current ........................................................................120mA
Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (VDD = 3.0 - 3.6V)
Parameters Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
Power Supply Current
VDD = Max., VSEL = GND or VDD, OE = LOW
75
µA
VDD = Max, VSEL = 1.5V - 2.1V,
100
µA
ICCq
Quiescent Power Supply
Current
VDD = 3.3V, VSEL = GND or VDD,
6
µA
VDD = 3.3V, VSEL = 1.5V - 2.1V,
8
µA
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
17-0003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com