Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB103 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3USB103 Datasheet HTML 1Page - Diodes Incorporated PI3USB103 Datasheet HTML 2Page - Diodes Incorporated PI3USB103 Datasheet HTML 3Page - Diodes Incorporated PI3USB103 Datasheet HTML 4Page - Diodes Incorporated PI3USB103 Datasheet HTML 5Page - Diodes Incorporated PI3USB103 Datasheet HTML 6Page - Diodes Incorporated PI3USB103 Datasheet HTML 7Page - Diodes Incorporated PI3USB103 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
A product Line of
Diodes Incorporated
PI3USB103
www.diodes.com
01/18/17
All trademarks are property of their respective owners.
Voltage Waveforms Propagation Delay Times
Switching Waveforms
Voltage Waveforms Enable and Disable Times
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, the output
enables or select pins may be driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power Supply Sequencing
Since this product does not contain any PMOS parasitic at the I/O pins, proper supply sequencing is not required.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Waveform 1
Waveform 2
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
17-0003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com