Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB103 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3USB103 Datasheet HTML 1Page - Diodes Incorporated PI3USB103 Datasheet HTML 2Page - Diodes Incorporated PI3USB103 Datasheet HTML 3Page - Diodes Incorporated PI3USB103 Datasheet HTML 4Page - Diodes Incorporated PI3USB103 Datasheet HTML 5Page - Diodes Incorporated PI3USB103 Datasheet HTML 6Page - Diodes Incorporated PI3USB103 Datasheet HTML 7Page - Diodes Incorporated PI3USB103 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
A product Line of
Diodes Incorporated
PI3USB103
www.diodes.com
01/18/17
All trademarks are property of their respective owners.
Capacitance (T
a = 25°C, f = 1MHz)
Parameters(3)
Description
Test Conditions(1)
Typ.(2)
Max.
Units
CIN
Input Capacitance
VSEL = 0V
2.7
3.0
pF
COFF
Switch Capacitance, Switch OFF
2.8
3.0
CON
Switch Capacitance, Switch ON
6.0
6.5
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
3. This parameter is determined by device characterization but is not production tested.
Dynamic Electrical Characteristics Over the Operating Range
Parameters
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
RL = 50Ω
f = 240 MHz
f = 825 MHz
-35
-25
–39
–28
dB
OIRR
OFF Isolation
f = 240 MHz
f = 825 MHz
-29
-20
–32
–23
BW
–3dB Bandwidth
RL = 50Ω
1100
1400
MHz
BW
–0.5dB Bandwidth
RL = 50Ω
150
400
MHz
IN
Insertion Loss
f = 240 MHz
f = 825 MHz
f = 1.0 GHz
f = 1.125 GHz
0.47
1.8
2.2
2.4
0.67
2.4
2.6
3.0
dB
Switching Characteristics
Parameters Description
Test Conditions (1)
Min.
Typ.
Max.
Units
tPD
Propagation Delay(2,3)
See Test Circuit for
Electrical Charac-
teristics
0.25
0.35
ns
tPZH, tPZL
Line Enable Time - SEL, OE to D(+/-), M(+/-)
0.5
60
tPHZ, tPLZ
Line Disable Time - SEL, OE to D(+/-), M(+/-)
0.5
60
tSKC-C
Output skew, channel-to-channel(2)
3.5
14
ps
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Guaranteed by design.
3. The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for the
switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little
propagational delay to the system. Propagational delay of the switch when used in a system is determined by the driving circuit on the driving side of the switch
and its interactions with the load on the driven side.
17-0003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com