Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB304 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB304
Description  3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB304 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB304 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PI3USB304
3.3V USB 3.0 SuperSpeed
Dual 2:1 Mux/DeMux Switch with Enable
www.pericom.com
P-0.1
01/16/13
StorageTemperature....................................................–65°Cto+150°C
SupplyVoltagetoGroundPotential................................–0.5Vto+4.6V
ChannelDCInputVoltage................................................–0.5Vto1.5V
DCOutputCurrent.......................................................................120mA
PowerDissipation...........................................................................0.5W
SELDCInputVoltage.......................................................–0.5Vto4.6V
Note: StressesgreaterthanthoselistedunderMAXIMUM
RATINGSmaycausepermanentdamagetothedevice.This
isastressratingonlyandfunctionaloperationofthedevice
attheseoranyotherconditionsabovethoseindicatedinthe
operationalsectionsofthisspecificationisnotimplied.Expo-
suretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
RecommendedOperatingConditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
3.3VPowerSupply
3.0
3.3
3.6
V
IDD
TotalcurrentfromVDD
3.3Vsupply
SEL=0VorVDD
0.15
1
mA
TCASE
Casetemperaturerange
foroperationwithinspec.
-40
85
Celsius
Electrical Characteristics
DC Electrical Characteristics for Switching over Operating Range
Parameters
Description
Test Conditions(1)
Min
Typ(1) Max
Units
VIH - SEL
Input HIGH Voltage, SEL Input
2
3.6
V
VIL - SEL
Input LOW Voltage, SEL Input
0
0.8
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current, SEL
VDD = Max., VIN = VDD
-5
+5
µA
IIL
Input LOW Current, SEL
VDD = Max., VIN = 0V
-5
+5
IIH
Input HIGH Current, TX, RX
VDD = Max., VIN = 1.5V
–10
+10
µA
IIL
Input LOW Current, TX, RX
VDD = Max., VIN = 0V
–10
+10
IOZH
HighZ HIGH Current, TX, RX
VDD = Max., VIN = 1.5V
–10
+10
µA
IOZL
HighZ LOW Current, TX, RX
VDD = Max., VIN = 0V
–10
+10
µA
Note:
1. TypicalvaluesareatVDD=3.3V,TA=25°Cambientandmaximumloading.
12-0315



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com