Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB304 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB304
Description  3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB304 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB304 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.pericom.com
P-0.1
01/16/13
Features
• Dual2:1USB3.0Switch
• Bi-directionalOperation
• 5GbpsPerformance
• Veryhigh-3dBbandwidth:8.2GHz
• LowInsertionLoss:-1dB@2.5GHz
• ExcellentReturnLoss:-29dB@2.5GHz
• LowCrosstalk:-37dB@2.5GHz
• LowOffIsolation:-25dB@2.5GHz
• LowBit-to-BitSkew,10psmax
• LowChannel-to-ChannelSkew,20psmax
• SupplyVoltage3.3V
• Lowpowerdissipation:0.5mWtyp.
• Packaging(Pb-free&Green):
–42-contact,TQFN(ZH42)
Description
Pericom Semiconductor’s PI3USB304 is a dual USB 3.0 2:1
switch.Itcanswitchtransmitandreceivedifferentialsignalsfor
two5GbpsSuperSpeedUSB3.0lanes.
Using advanced high-speed transmission gate technology,
PI3USB304 is bidirectional and offers both excellent signal
integrityandverylowpower.
-3dBbandwidthis8.2GHz.Insertionlossisextremelylow,only
1dBat2.5GHz.Allotheracparameters–returnloss,crosstalk,
offisolation–leadtheindustryinperformance.Powerdissipation
isverysmall--0.5mWtypical(0.15mA@3.3V)
Application
RoutingUSB3.0SuperSpeedsignals.
Block Diagram
Pin Configuration (Top View)
Truth Table
SEL
Function
L
PathA
H
PathB
RX1-
RX1+
TX1
-
TX1
+
RX2-
RX2+
TX2-
TX2
+
TX1A+
TX1A-
RX1A+
RX1A-
TX1B+
TX1B-
RX1B+
RX1B-
TX2A+
TX2A-
RX2A+
RX2A-
TX2B+
TX2B-
RX2B+
RX2B-
SEL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
42 41 40 39
18 19 20 21
TX1A+
TX1A-
RX1A+
RX1A-
TX1B+
TX1B-
RX1B+
RX1B-
V
DD
TX2A+
TX2A-
RX2A+
RX2A-
TX2B+
TX2B-
RX2B+
RX2B-
GND
TX1-
GND
V
DD
RX1+
RX1-
V
DD
SEL
GND
TX2+
TX2-
V
DD
GND
RX2+
RX2-
GND
TX1+
PI3USB304
3.3V USB 3.0 SuperSpeed
Dual 2:1 Mux/DeMux Switch with Enable
12-0315


Similar Part No. - PI3USB304

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB302-AZBE PERICOM-PI3USB302-AZBE Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB302-AZBEX PERICOM-PI3USB302-AZBEX Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Diodes Incorporated
PI3USB3031 DIODES-PI3USB3031 Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031 DIODES-PI3USB3031 Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
More results

Similar Description - PI3USB304

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com