Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VST01UE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3VST01UE
Description  HPD signal Generator for VGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VST01UE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3VST01UE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.pericom.com
07/08/15
PI3VST01
HPD signal Generator for VGA
All trademarks are property of their respective owners.
Application Schematics
In order to ensure accurate color balance, gain and frequency response are matched between the R, G, and B channels using:
• 4.7 Ohm resistors in series with the R and G lanes,
• 8.2 pF capacitors to ground from the R and G lanes, and
• a 2 pF capacitor to ground on the B lane.
To pass the VESA VSIS specification, many VGA DACs require series inductors to reduce overshoot and undershoot.
A 47 kOhm resistor is used as a pullup for the open-drain HPD_OUT signal from the PI3VST01 to the VGA DAC control.
4.7 uF capacitors should be used to bypass both VDD5 and VDD3.
The schematic below illustrates the recommended design for the 150//75 case.
15-0090



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com