Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VST01UE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3VST01UE
Description  HPD signal Generator for VGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VST01UE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VST01UE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VST01UE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.pericom.com
07/08/15
PI3VST01
HPD signal Generator for VGA
All trademarks are property of their respective owners.
Pinout Table
Pin #
Pin Name
I/O Type Description
1
GND
Ground
Ground
2
VDD5
Power
5V ± 10% power rail
3
BIN
I
Blue input from VGA source
4
VSYNC
I
Vertical Synchronization signal, internal 250KOhm pulldown
8
HPD_OUT O
Open drain output, telling the system the status of the external VGA monitor. If VGA
monitor is present, this pin will be pulled low. If VGA monitor is not present, this pin will
be Hi-z
7
VDD3
Power
3.3V ± 10% power rail
6
BOUT
O
Blue output to VGA connector
5
Rref
I/O
Determines IC mode in terms of impedance detection levels. connect to external resistor
to GND. Resistor values can be determined by looking at truth table
15-0090



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com