Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VST01UEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3VST01UEX
Description  HPD signal Generator for VGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VST01UEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VST01UEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.pericom.com
07/08/15
PI3VST01
HPD signal Generator for VGA
All trademarks are property of their respective owners.
Parameters Description
Test Conditions
Min.
Typ.
Max.
Units
OIRR
OFF Isolation,
BIN to BOUT
f = 250MHz
-
-46
-
dB
BW
Bandwidth –3dB,
BIN to BOUT
-
2.0
-
GHz
tPD
Propagation Delay,
BIN to BOUT
-
90
-
ps
ILOSS
Insertion Loss for B path
with 75-Ohm load
Freq = 10MHz (VGA)
-0.3
dB
Freq = 100MHz (XGA)
-0.33
Freq = 300MHz (UXGA) -0.4
Capacitance (TA = 25°C, f = 1MHz)
Parameters
Description
Test Conditions
Typ.
Units
COFF
Capacitance, Switch OFF
2.4
pF
CON
Switch Capacitance between BIN and BOUT,
Switch ON
5.6
pF
Dynamic Electrical Characteristics over Operating Range
(TA=-40º to+85ºC, V
DD3 =3.3V±10%, GND=0V, VDD5 = 5.0V±10%)
Applications
VGA-DACs in chipsets as well as video chips (MXM, GPU, DP-to-VGA, PCIe, etc.) typically dissipate about 170 mW.
The VGA standard does not have a monitor detect feature, so the DAC dissipates power whether the monitor is connected or not.
PI3VST01 provides an HPD_OUT signal that detects the presence of a monitor. This HPD_OUT signal can be routed to the
chipset, directly, or through an MPU, to turn off the VGA DAC when a monitor is not connected. Using the PI3VST01, the system
can save 170 mW when the monitor is not connected.
PI3VST01 can also be used to enable automatic switching between two monitors. Another Pericom product, PI3V724 integrates 2
monitor detection circuits with a 1:2 VGA switch and offers both automatic and manual monitor switching.
VGA Termination
PI3VST01 can support two different termination schemes:
1. Case_75//75: Reverse termination for the monitor is provided by a 75 Ohm resistor at the connector, as per the VESA VSIS
specification.
2. Case_150//75: Reverse termination for the monitor is split between a 150 Ohm resistor at the connector and a 150 Ohm resistor
at the video DAC, as required by some chipsets.
An external resistor must be supplied between the Rref pin and ground to tell the detection circuit which termination scheme is
being used. Values for this resistor are shown below.
Rref
Application Case Supported
330Kohm +/-5% Case _150//75
200Kohm +/-5% Case _75//75
15-0090



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com