Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VST01UEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VST01UEX
Description  HPD signal Generator for VGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VST01UEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VST01UEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VST01UEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.pericom.com
07/08/15
All trademarks are property of their respective owners.
Block Diagram
Description
The VGA connector does not have a hot-plug pin to tell the sys-
tem that a monitor is connected. More recent video standards,
such as HDMI and DisplayPort, save power by adding a hot-plug
pin which allows graphics outputs to be powered down when a
monitor is not connected.
Pericom’s PI3VST01 HPD signal generator generates a monitor
detection signal from a VGA source connector to tell the VGA
source if an external monitor is connected or not.
PI3VST01 allows notebook makers to shut off the VGA DAC
when a monitor is not connected, thus saving 170 mW per DAC.
PI3VST01 dissipates only 0.66 mW.
The monitor detection scheme within the PI3VST01 will not
affect normal operation of the video driver.
Features
Î
Î
Hot Plug Detect Signal Generator for VGA connectors
Î
Î
Generates hot plug output signal telling system when
monitor is present or not
Î
Î
Power Supply, 3.3V and 5.0V
Î
Î
ESD tolerance on pin 7 is up to +/-4kV contact per
IEC61000-4-2 specification
Î
Î
-3dB BW of 1.7GHz (typ)
Î
Î
4.75 Ohm On Resistance with 0.5 Ohm flatness (typ)
Î
Î
Low input/output capacitance (Con = 4.5pF, typ)
Î
Î
Packaging (Pb-free and Green):
à
8-contact MSOP (U)
PI3VST01
HPD signal Generator for VGA
Logic
Control
Detector
HPD_OUT
BOUT
BIN
VSYNC
RREF
GND
BIN
VSYNC
HPD_OUT
BOUT
Rref
DD5
V
DD3
V
Pin Configuration-U8 (Top View)
15-0090


Similar Part No. - PI3VST01UEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312L PERICOM-PI3V312L Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312LE PERICOM-PI3V312LE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312Q PERICOM-PI3V312Q Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312QE PERICOM-PI3V312QE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3VST01UEX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ93B53 SHARP-LZ93B53 Datasheet
130Kb / 6P
Synchronous Signal Generator for CCD
LZ93N19 SHARP-LZ93N19 Datasheet
234Kb / 5P
Synchronous Signal Generator for CCD
logo
Sony Corporation
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
Synchronizing Signal Generator for Video Camera
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
Sync Signal, Timing Signal Generator for CCD Cameras
logo
Hitachi Semiconductor
HD440072 HITACHI-HD440072 Datasheet
813Kb / 15P
SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
Sony Corporation
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
Sync Signal Generator for Camera
logo
STMicroelectronics
HDMI2C1-14HD STMICROELECTRONICS-HDMI2C1-14HD Datasheet
801Kb / 32P
HPD pull down and signal conditioning
04-May-2015
HDMI2C1-14HDS STMICROELECTRONICS-HDMI2C1-14HDS Datasheet
814Kb / 28P
HPD pull down and signal conditioning
04-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com