Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3125LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C3125LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3125LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PI3C3125/PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS8153H
10/25/07
PI3C3125/PI3C3126 Switching Characteristics over 3.3V Operating Range
Parameters Description
Conditions
PI3C3125/PI3C3126
Units
Com.
Min.
Max.
tPLH
tPHL
Propogation Delay(1,2)
A to B, B to A
CL =50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL =50pF
RL = 500Ω
R = 500Ω
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
1.5
5.5
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus
switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.
PI3C3125/PI3C3126 Switching Characteristics over 2.5V Operating Range
Parameters Description
Conditions
PI3C3125/PI3C3126
Units
Com.
Min.
Max.
tPLH
tPHL
Propogation Delay(1,2)
A to B, B to A
CL =50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL =50pF
RL = 500Ω
R = 500Ω
1.5
9.8
tPHZ
tPLZ
Bus Disable Time
1.5
8.3
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the
rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch
when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the
driven side.
07-0240



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com