Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3125LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3125LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3125LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PI3C3125/PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS8153H
10/25/07
DC Electrical Characteristics (Over Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters Description
Test Conditions(1)
Min. Typ.(2)
Max Units
VIH
Input HIGH Voltage Guearanteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level –0.5
0.8
IIH
Input HIGH current
VCC = Max., VIN = VCC
±1
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
μA
IOZH(3)
High Impedance
Output Current
0 ≤ A, B ≤ VCC
±1
VIK
Clamp Diode Volt-
age
VCC = Min., IIN = –18mA
–0.73
–1.2 V
RON
Switch ON Resis-
tance(4)
VCC = Min., VIN = 0.0V, ION = 48mA or 60mA
VCC = Min., VIN = 2.4V, ION = 15mA
5
8
7
15
Ω
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the
lower of the voltages on the two (A,B) pins.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.5
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
5.0
CON
A/B Capacitance, Switch On
VIN = 0V
10.0
Notes:
1. This parameter is determined by device characterization but is not production tested.
Power Supply Characteristics
Parameters
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max
VIN = GND or VCC
260
500
μA
∆ICC
Supply Current
per Input HIGH
VCC = Max
VIN = 3.0V(3)
750
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per driven input (control input only); A and B pins do not contribute to ΔICC.
07-0240



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com