Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3126LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3C3126LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3C3126LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PI3C3125/PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS8153H
10/25/07
DESCRIPTION: 16-contact, Thin Dual-in-line Flat No-Lead (TDFN)
PACKAGE CODE: ZJ (ZJ16)
DOCUMENT CONTROL #: PD-2042
REVISION: B
DATE: 03/30/06
Packaging Mechanical: 16-pin 150-mil wide plastic QSOP (Q)
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Ordering Information
Ordering Code
Packaging Code
Package Type
Top Mark
PI3C3125L
L
14-pin TSSOP
PI3C3125LE
L
Pb-Free & Green, 14-Pin TSSOP
PI3C3125W
W
14-pin SOIC
PI3C3125WE
W
Pb-free & Green, 14-pin SOIC
PI3C3125Q
Q
16-pin QSOP
PI3C3125QE
Q
Pb-free & Green, 16-pin QSOP
PI3C3125ZJE
ZJ
Pb-free & Green, 16-pin TDFN
TA
PI3C3126L
L
14-pin TSSOP
PI3C3126LE
L
Pb-free & Green, 14-pin TSSOP
PI3C3126W
W
14-pin SOIC
PI3C3126WE
W
Pb-free & Green, 14-pin SOIC
PI3C3126Q
Q
16-pin QSOP
PI3C3126QE
Q
Pb-free & Green, 16-pin QSOP
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free & Green
• Adding an X suffix = Tape/Reel
07-0240



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com