Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3126LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C3126LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C3126LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8153H
10/25/07
PI3C3125
PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• High Bandwidth (>400 MHz)
• Rail-to-Rail, or 2.5V or 3.3V Switching
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Permits Hot Insertion
• Packaging (Pb-free & Green available):
– 14-pin 150-mil wide plastic SOIC (W)
– 14-pin 170-mil wide plastic TSSOP (L)
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-contact TFDN (ZJ)
Applications
• High Bandwidth Data Switching
• Hot Docking
Description
Pericom Semiconductor’s PI3C3125 and PI3C3126 are 2.5 volt
or 3.3 volt, 4-bit bus switches designed with four individual
5-ohm bus switches with fast indiviual enables in an industry
standard 74XX125/126 pinout. When enabled via the associated
Bus Enable pin, the “A” pin is directly connected to the “B” pin
for that particular gate. The bus switch introduces no additional
propagation delay or additional ground bounce noise.
The PI3C3125 device
has
active LOW enables, and the
PI3C3126 has active HIGH enables. It is very useful in switching
signals that have high bandwidth (>400 MHz).
PI3C3125 Block Diagram
A0
A1
A2
BE0
BE1
A3
BE2
BE3
B0
B1
B2
B3
A0
A1
A2
BE0
BE1
A3
BE2
BE3
B0
B1
B2
B3
PI3C3126 Block Diagram
07-0240


Similar Part No. - PI3C3126LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3126LE PERICOM-PI3C3126LE Datasheet
632Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LE PERICOM-PI3C3126LE Datasheet
685Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results

Similar Description - PI3C3126LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126 PERICOM-PI3C3126_10 Datasheet
685Kb / 7P
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com