Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3540 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPD3540
Description  GaAs/GaN Power Doubler Hybrid
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3540 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPD3540 Datasheet HTML 1Page - RF Micro Devices RFPD3540 Datasheet HTML 2Page - RF Micro Devices RFPD3540 Datasheet HTML 3Page - RF Micro Devices RFPD3540 Datasheet HTML 4Page - RF Micro Devices RFPD3540 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Revision DS20160126
- 3 of 5 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFPD3540
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Distortion Data 40MHz to 550MHz. Test conditions unless otherwise noted: V+ = 2
4V; TMB = 35°C; ZS = ZL = 75Ω
CTB
-80
dBc
VO = 59dBmV at 1218MHz, 22dB extrapolated tilt, 79 analog channels plus 111
digital channels (-6dB offset)[2][4]
XMOD
-76
dBc
CSO
-80
dBc
CIN
55
dB
Distortion Data 40MHz to 550MHz. Test conditions unless otherwise noted: V+ = 24V; TMB = 35°C; ZS = ZL = 75Ω
CTB
-76
-72
dBc
VO = 58dBmV at 1218MHz, 16.5dB extrapolated tilt, 79 analog channels plus
111 digital channels (-6dB offset)[3][4]
XMOD
-70
-65
dBc
CSO
-80
-70
dBc
CIN
55
58
dB
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +37dBmV to +46.4dBmV tilted output level, plus 111 digital channels, -
6dB offset relative to the equivalent analog carrier.
3.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +41.5dBmV to +48.5dBmV tilted output level, plus 111 digital channels, -
6dB offset relative to the equivalent analog carrier.
4.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by ANSI/SCTE 6. Composite Triple Beat
(CTB) - The CTB parameter is defined by ANSI/SCTE 6. Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband
(selective voltmeter method), referenced to 100% modulation of the carrier being tested. Carrier to Intermodulation Noise (CIN) - The CIN
parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com