Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3540 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPD3540
Description  GaAs/GaN Power Doubler Hybrid
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3540 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPD3540 Datasheet HTML 1Page - RF Micro Devices RFPD3540 Datasheet HTML 2Page - RF Micro Devices RFPD3540 Datasheet HTML 3Page - RF Micro Devices RFPD3540 Datasheet HTML 4Page - RF Micro Devices RFPD3540 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision DS20160126
- 4 of 5 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFPD3540
RFMD + TriQuint = Qorvo
Package Drawing (Dimensions in millimeters)
1 2 3 5 7 8 9
R
O
Q
M
5
10mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
European
Projection
Nominal
Min
Max
A
44,6
± 0,2
44,4
44,8
B
13,6
± 0,2
13,4
13,8
C
20,4
± 0,5
19,9
20,9
D
8
± 0,15
7,85
8,15
E
12,6
± 0,15
12,45
12,75
F
38,1
± 0,2
37,9
38,3
G
4
+0,2 / -0,05
3,95
4,2
H
4
± 0,2
3,8
4,2
I
25,4
± 0,2
25,2
25,6
J
UNC 6-32
-
-
K
4,2
± 0,2
4,0
4,4
L
27,2
± 0,2
27,0
27,4
M
11,6
± 0,5
11,1
12,1
N
5,8
± 0,4
5,4
6,2
O
0,25
± 0,02
0,23
0,27
P
0,45
± 0,03
0,42
0,48
Q
2,54
± 0,3
2,24
2,84
R
2,54
± 0,5
2,04
3,04
S
2,54
± 0,25
2,29
2,79
T
5,08
± 0,25
4,83
5,33
U
5,08
± 0,25
4,83
5,33
Pin
Name
1
Input
2-3
GND
4
5
V+
6
7-8
GND
9
Output
Pinning:
Notes:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com