Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3580 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPD3580
Description  GaAs/GaN Power Doubler Hybrid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3580 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPD3580 Datasheet HTML 1Page - RF Micro Devices RFPD3580 Datasheet HTML 2Page - RF Micro Devices RFPD3580 Datasheet HTML 3Page - RF Micro Devices RFPD3580 Datasheet HTML 4Page - RF Micro Devices RFPD3580 Datasheet HTML 5Page - RF Micro Devices RFPD3580 Datasheet HTML 6Page - RF Micro Devices RFPD3580 Datasheet HTML 7Page - RF Micro Devices RFPD3580 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Revision DS20160304
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFPD3580
RFMD + TriQuint = Qorvo
Current Adjustment Using Hybrid Pin 4
The RFPD3580 can be operated over a wide range of current to provide maximum required performance with minimum current
consumption. A single external resistor connected between pin 4 and GND allows variation of current between 530mA and 130mA
(typ.). Within the recommended range of current between 530mA and 430mA gain (S21) change is less than 0.2dB and noise
figure change is less than 0.1dB. If pin 4 is not connected the device operates at maximum current, see table below.
Examples of connecting pin 4:
V+
INPUT
OUTPUT
Resistor,
fixed
1
2, 3, 7, 8
4
9
5
V+
INPUT
OUTPUT
Resistor,
variable,
50k range,
or VCR
1
2, 3, 7, 8
4
9
5
130
180
230
280
330
380
430
480
530
580
0
10
20
30
40
50
R(Pin4) [kOhm]
RFPD3580 current vs. external resistor
Device current [mA],
typical
External resistor [Ω]
530
Open
520
50k
500
18k
475
9k3
425
4k3
400
3k9
350
1k9
250
700
130
0 (short)
V+ = 34V; TMB = 35°C;
ZS = ZL =
75Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com