Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3580 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD3580
Description  GaAs/GaN Power Doubler Hybrid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3580 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD3580 Datasheet HTML 1Page - RF Micro Devices RFPD3580 Datasheet HTML 2Page - RF Micro Devices RFPD3580 Datasheet HTML 3Page - RF Micro Devices RFPD3580 Datasheet HTML 4Page - RF Micro Devices RFPD3580 Datasheet HTML 5Page - RF Micro Devices RFPD3580 Datasheet HTML 6Page - RF Micro Devices RFPD3580 Datasheet HTML 7Page - RF Micro Devices RFPD3580 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision DS20160304
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2016RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
RFPD3580
GaAs/GaN Power Doubler Hybrid
45MHz to 1218MHz
The RFPD3580 is a Hybrid Power Doubler amplifier module. The
part employs GaAs pHEMT die and GaN HEMT die and operates
from 45MHz to 1218MHz. It provides extremely high output up to
76.8dBmV composite power or 67dBmV virtual level. DC current as
well as supply voltage of the device can be externally adjusted for
optimum distortion performance versus power consumption over a
wide range of output level.
Functional Block Diagram
Ordering Information
RFPD3580
Box with 50 pieces
Package: SOT-115J
Features
■
Extremely High Output
Capability
■
Excellent Linearity
■
Superior Return Loss
Performance
■
Optimal Reliability
■
Unconditionally Stable Under
All Terminations
■
22.5dB Min. Gain at 1218MHz
■
550mA Max.
■
Devices works at V+ between
24V and 34V
Applications
■
45MHz to 1218MHz CATV
Amplifier Systems
■
DOCSIS 3.1 Compliant
INPUT
OUTPUT
V+
Current setting
RFPD3580


Similar Part No. - RFPD3580

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - RFPD3580

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com