Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 12N60
Description  Drain Current ?밒D= 12A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

12N60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  12N60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 12N60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
:
:
: www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc N-Channel Mosfet Transistor
12N60
·
·
·
·FEATURES
·Drain Current –ID= 12A@ TC=25℃
·Drain Source Voltage-
: VDSS= 600V (Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.7Ω(Max)
·Avalanche Energy Specified
·Fast Switching
·Simple Drive Requirements
·
·
·
·DESCRITION
·Designed for high efficiency switch mode power supply.
·
·
·
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃
℃
℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage-Continuous
±30
V
ID
Drain Current-Continuous
12
A
IDM
Drain Current-Single Plused
48
A
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·
·
·
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.8
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W


Similar Part No. - 12N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60 UTC-12N60 Datasheet
235Kb / 6P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
358Kb / 7P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
371Kb / 7P
12A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
12N60 NELLSEMI-12N60 Datasheet
356Kb / 7P
N-Channel Power MOSFET
logo
Chongqing Pingwei Enter...
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
12A mps,600 Volts N-CHANNEL MOSFET
More results

Similar Description - 12N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK682 ISC-2SK682 Datasheet
65Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK683 ISC-2SK683 Datasheet
65Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1373 ISC-2SK1373 Datasheet
67Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK1449 ISC-2SK1449 Datasheet
68Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1476 ISC-2SK1476 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1563 ISC-2SK1563 Datasheet
64Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1570 ISC-2SK1570 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1571 ISC-2SK1571 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com