Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N60 Datasheet (PDF) - Unisonic Technologies

12N60 Datasheet PDF - Unisonic Technologies
Part # 12N60
Download  12N60 Download
File Size   235.07 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12 Amps, 600/650 Volts N-CHANNEL MOSFET

12N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
12N60 Datasheet PDF - Unisonic Technologies

Part # 12N60
Download  12N60 Click to download

File Size   235.07 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12 Amps, 600/650 Volts N-CHANNEL MOSFET

12N60 Datasheet (HTML) - Unisonic Technologies


12N60 Product details

The UTC 12N60are N-Channel enhancement mode power field effect transistors (MOSFET) which are produced using UTCs proprietary, planar stripe, DMOS technology.



These devices are suited for high efficiency switch mode power supply. To minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode the advanced technology has been especially tailored.



„ FEATURES

* RDS(ON) = 0.8Ω @VGS = 10 V

* Ultra low gate charge ( typical 42 nC )

* Low reverse transfer capacitance ( CRSS = typical 25 pF )

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness




Similar Part No. - 12N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60 UTC-12N60 Datasheet
358Kb / 7P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
371Kb / 7P
12A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
12N60 NELLSEMI-12N60 Datasheet
356Kb / 7P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
12N60 ISC-12N60 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
logo
Chongqing Pingwei Enter...
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
12A mps,600 Volts N-CHANNEL MOSFET
More results


Similar Description - 12N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A Datasheet
297Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
141Kb / 7P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK12N65F-F FS-FTK12N65F-F Datasheet
482Kb / 7P
12 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65P FS-FTK12N65P Datasheet
427Kb / 7P
12 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65PD FS-FTK12N65PD Datasheet
427Kb / 7P
12 Amps, 650 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com