Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60A Datasheet (PDF) - Unisonic Technologies

7N60A Datasheet PDF - Unisonic Technologies
Part # 7N60A
Download  7N60A Download
File Size   297.02 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7 Amps, 600/650 Volts N-CHANNEL MOSFET

7N60A Datasheet (PDF)

Go To PDF Page Download Datasheet
7N60A Datasheet PDF - Unisonic Technologies

Part # 7N60A
Download  7N60A Click to download

File Size   297.02 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7 Amps, 600/650 Volts N-CHANNEL MOSFET

7N60A Datasheet (HTML) - Unisonic Technologies


7N60A Product details

DESCRIPTION

The UTC 7N60Ais a high voltage N-Channel enhancement mode power field effect transistors and is designed to have minimize on-state resistance , provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. This power MOSFET is well suited for high efficiency switch mode power supply.





FEATURES

* RDS(ON)= 1.2Ω @VGS= 10 V

* Ultra low gate charge (typical 28 nC )

* Low reverse transfer Capacitance (CRSS= typical 12 pF )  * Fast switching capability 

* Avalanche energy tested

* Improved dv/dt capability, high ruggedness




Similar Part No. - 7N60A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A Datasheet
280Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A Datasheet
250Kb / 7P
7A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N60A ISC-7N60A Datasheet
65Kb / 2P
Fast Switching Speed
logo
DONGGUAN YOU FENG WEI E...
7N60A YFWDIODE-7N60A Datasheet
1Mb / 7P
7A 600V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
7N60A4 FAIRCHILD-7N60A4 Datasheet
204Kb / 8P
600V, SMPS Series N-Channel IGBT
More results


Similar Description - 7N60A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60 UTC-6N60 Datasheet
141Kb / 7P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A_09 Datasheet
224Kb / 8P
0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com