Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N60 Datasheet (PDF) - Unisonic Technologies

6N60 Datasheet PDF - Unisonic Technologies
Part # 6N60
Download  6N60 Download
File Size   141.59 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2 Amps, 600/650 Volts N-CHANNEL MOSFET

6N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N60 Datasheet PDF - Unisonic Technologies

Part # 6N60
Download  6N60 Click to download

File Size   141.59 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2 Amps, 600/650 Volts N-CHANNEL MOSFET

6N60 Datasheet (HTML) - Unisonic Technologies


6N60 Product details

 DESCRIPTION
The UTC 6N60 is a high voltage power MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in switching power supplies and adaptors.

FEATURES
* RDS(ON) < 1.5Ω @VGS = 10V
* Ultra low gate charge (typical 20 nC )
* Low reverse transfer Capacitance ( CRSS = typical 10pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness




Similar Part No. - 6N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60 UTC-6N60 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
6N60 NELLSEMI-6N60 Datasheet
486Kb / 10P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
6N60 ISC-6N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
logo
Chongqing Pingwei Enter...
6N60 CHONGQING-6N60 Datasheet
193Kb / 2P
6A mps,600 Volts N-CHANNEL MOSFET
More results


Similar Description - 6N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A Datasheet
297Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A_09 Datasheet
224Kb / 8P
0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z_10 Datasheet
213Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com