Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMZ1 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SMZ1
Description  Surface mount Silicon-Zener Diodes (non-planar technology)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMZ1 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SMZ1 Datasheet HTML 1Page - Diotec Semiconductor SMZ1 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
215
01.10.2002
SMZ 1 … SMZ 200 (2 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage
2)
Zener-Spanng.
2)
I
Z = IZtest
V
zmin [V] Vzmax
Test cur.
Meß-
strom
I
ztest [mA]
Dyn. resistance
Diff. Widerst.
I
ztest / 1 kHz
r
zj [Ω]
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
α
VZ [10
-4 /°C]
Reverse volt.
Sperrspanng.
I
R = 1 µA
V
R [V]
Z-current
1)
Z-Strom
1)
T
A = 50°C
I
Zmax [mA]
SMZ 1
3)
0.71
0.82
100
0.5 (<1)
–26…–16
–
1000
SMZ 3.9
3.7
4.1
100
4 (<7)
–7…+2
–
488
SMZ 4.3
4.0
4.6
100
4 (<7)
–7…+3
–
435
SMZ 4.7
4.4
5.0
100
4 (<7)
–7…+4
–
400
SMZ 5.1
4.8
5.4
100
2 (<5)
–6…+5
–
370
SMZ 5.6
5.2
6.0
100
1 (<3)
–3…+5
> 1.5
333
SMZ 6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
303
SMZ 6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
278
SMZ 7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
253
SMZ 8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
230
SMZ 9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
208
SMZ 10
9.4
10.6
50
2 (<4)
+5…+9
> 5
189
SMZ 11
10.4
11.6
50
4 (<7)
+5…+10
> 5
172
SMZ 12
11.4
12.7
50
4 (<7)
+5…+10
> 7
157
SMZ 13
12.4
14.1
50
5 (<10)
+5…+10
> 7
142
SMZ 15
13.8
15.6
50
5 (<10)
+5…+10
> 10
128
SMZ 16
15.3
17.1
25
6 (<15)
+6…+11
> 10
117
SMZ 18
16.8
19.1
25
6 (<15)
+6…+11
> 10
105
SMZ 20
18.8
21.2
25
6 (<15)
+6…+11
> 10
94
SMZ 22
20.8
23.3
25
6 (<15)
+6…+11
> 12
86
SMZ 24
22.8
25.6
25
7 (<15)
+6…+11
> 12
78
SMZ 27
25.1
28.9
25
7 (<15)
+6…+11
> 14
69
SMZ 30
28
32
25
8 (<15)
+6…+11
> 14
63
SMZ 33
31
35
25
8 (<15)
+6…+11
> 17
57
SMZ 36
34
38
10
16 (<40)
+6…+11
> 17
53
SMZ 39
37
41
10
20 (<40)
+6…+11
> 20
49
SMZ 43
40
46
10
24 (<45)
+7…+12
> 20
43
SMZ 47
44
50
10
24 (<45)
+7…+12
> 24
40
SMZ 51
48
54
10
25 (<60)
+7…+12
> 24
37
SMZ 56
52
60
10
25 (<60)
+7…+12
> 28
33
SMZ 62
58
66
10
25 (<80)
+8…+13
> 28
30
SMZ 68
64
72
10
25 (<80)
+8…+13
> 34
28
SMZ 75
70
79
10
30 (<100)
+8…+13
> 34
25
SMZ 82
77
88
10
30 (<100)
+8…+13
> 41
23
SMZ 91
85
96
5
40 (<200)
+9…+13
> 41
21
SMZ 100
94
106
5
60 (<200)
+9…+13
> 50
19
SMZ 110
104
116
5
80 (<250)
+9…+13
> 50
17
SMZ 120
114
127
5
80 (<250)
+9…+13
> 60
16
SMZ 130
124
141
5
90 (<300)
+9…+13
> 60
14
SMZ 150
138
156
5
100 (<300)
+9…+13
> 75
13
SMZ 160
153
171
5
110 (<350)
+9…+13
> 75
12
SMZ 180
168
191
5
120 (<350)
+9…+13
> 90
10
SMZ 200
188
212
5
150 (<350)
+9…+13
> 90
9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com