Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3126LE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3C3126LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126LE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3C3126LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS9087A
09/24/10
4.0
2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
VCC
V
3.1V
2.9V
2.7V
2.5V
2.3V
3.6V
3.8V
3.4V
3.2V
3.0V
2.8V
Output Voltage vs. Input Voltage over Various Supply Voltages
VIN (V)
Switch
11-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com