Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3126LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3126LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3126LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS9087A
09/24/10
DC Electrical Characteristics (OverOperatingRange,TA=–40°Cto+85°C,VCC=3.3V±10%)
Parameters
Description
Test Conditions(1)
Min. Typ.(2)
Max
Units
VIH
InputHIGHVoltage
GuearanteedLogicHIGHLevel
2.0
V
VIL
InputLOWVoltage
GuaranteedLogicLOWLevel–0.5
0.8
IIH
InputHIGHcurrent
VCC = Max., VIN = VCC
±1
µA
IIL
InputLOWCurrent
VCC = Max., VIN = GND
±1
IOZH(3)
HighImpedanceOutput
Current
0 ≤ A, B ≤ VCC
±1
VIK
ClampDiodeVoltage
VCC = Min.,IIN = –18mA
–0.73
–1.2
V
RON
SwitchONResistance(4)
VCC =Min.,VIN =0.0V, ION = 48mAor60mA
VCC =Min.,VIN =2.4V,ION = 15mA
5
8
7
15
Ω
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVCC=3.3V,TA=25°Cambientandmaximumloading.
3. Notmorethanoneoutputshouldbeshortedatonetime.Durationofthetestshouldnotexceedonesecond.
4. MeasuredbythevoltagedropbetweenAandBpinatindicatedcurrentthroughtheswitch.ONresistanceisdeterminedbythe
lowerofthevoltagesonthetwo(A,B)pins.
Capacitance (TA=25°C,f=1MHz)
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
InputCapacitance
VIN=0V
3.5
pF
COFF
A/BCapacitance,SwitchOff
VIN=0V
5.0
CON
A/BCapacitance,SwitchOn
VIN=0V
10.0
Notes:
1. Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
Power Supply Characteristics
Parameters
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
ICC
QuiescentPower
SupplyCurrent
VCC=Max
VIN=GNDorVCC
260
500
µA
∆ICC
SupplyCurrentper
InputHIGH
VCC=Max
VIN=3.0V(3)
750
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevice.
2. TypicalvaluesareatVCC=3.3V,+25°Cambient.
3. Perdriveninput(controlinputonly);AandBpinsdonotcontributetoΔICC.
11-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com