Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLS201G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS201G
Description  2A, 50V - 1400V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS201G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  DBLS201G_16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS201G_16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBLS201G_16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBLS201G_16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
5.00
5.20
0.197
0.205
B
1.02
1.20
0.040
0.047
C
8.13
8.51
0.320
0.335
D
2.40
2.60
0.094
0.102
E
9.80
10.30
0.386
0.406
F
6.20
6.50
0.244
0.256
G
0.22
0.33
0.009
0.013
H
1.02
1.53
0.040
0.060
I
0.076
0.33
0.003
0.013
J
3.90
4.10
0.154
0.161
Symbol
A
B
C
D
E
F
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1310039
Version: I15
0.091
0.051
0.272
0.453
0.102
0.362
2.6
9.2
MARKING DIAGRAM
SUGGESTED PAD LAYOUT
Unit (mm)
2.3
1.3
6.9
11.5
Unit (inch)
DBLS201G - DBLS209G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DBLS
1
10
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com