Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLS201G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS201G
Description  2A, 50V - 1400V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS201G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBLS201G_16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS201G_16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBLS201G_16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBLS201G_16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DBLS201G - DBLS209G
CREAT BY ART
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- UL Recognized File # E-326854
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
1200
1400
V
VRMS
35
70
140
280
420
560
700
840
980
V
VDC
50
100
200
400
600
800
1000
1200
1400
V
IF(AV)
A
I
2t
A
2s
TJ
°C
TSTG
°C
Document Number: DS_D1310039
Version: I15
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
IR
2
500
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Note 1: Pulse Test with PW=300μs,1% Duty Cycle
Typical thermal resistance
RθJL
RθJA
15
40
°C/W
A
Maximum instantaneous forward voltage (Note 1)
IF= 2 A
VF
V
μA
50
Rating for fusing (t<8.3ms)
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
10.3
1.15
1.30
DBLS
208G
DBLS
209G
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
DBLS
206G
DBLS
207G
Polarity:
Polarity as marked on the body
Weight:
0.36 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
DBLS
201G
DBLS
202G
DBLS
203G
DBLS
204G
DBLS
205G
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Molded plastic body
DBLS
Taiwan Semiconductor
2A, 50V - 1400V Glass Passivated Bridge Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020


Similar Part No. - DBLS201G_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G_15 Datasheet
216Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - DBLS201G_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL204G-T TSC-DBL204G-T Datasheet
278Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL201G TSC-DBL201G_16 Datasheet
185Kb / 4P
2A, 50V - 1400V Glass Passivated Bridge Rectifiers
DBL204G-T TSC-DBL204G-T_16 Datasheet
278Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S2A TMT-S2A_16 Datasheet
372Kb / 4P
2A, 50V - 1400V Surface Mount Rectifiers
logo
Chip Integration Techno...
GBL202 CITC-GBL202 Datasheet
1Mb / 3P
2A Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com