Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TIP127
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP127 Datasheet(HTML) 2 Page - Diotec Semiconductor

  TIP127 Datasheet HTML 1Page - Diotec Semiconductor TIP127 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlußdrähte in 5 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
2
Darlington Transistors
TIP125, TIP126, TIP127
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, - VEB = 5 V
- I
EB0
––
2 mA
Collector saturation voltage – Kollektor-Sättigungsspg.
1)
- I
C = 3 A, - IB = 12 mA
- I
C = 5 A, - IB = 20 mA
- V
CEsat
- V
CEsat
–
–
–
–
2 V
4 V
Base-Emitter on-voltage – Basis-Emitter-Spannung
1)
- I
C = 3 A, - VCE = 3 V
- V
BEon
–
–
2.5 V
DC current gain – Kollektor-Basis-Stromverhältnis
1)
- V
CE = 3 V, - IC = 0.5 A
- V
CE = 3 V, - IC = 3 A
h
FE
h
FE
1000
1000
–
–
–
–
Small signal current gain – Kleinsignal-Stromverstärkung
- V
CE = 4 V, - IC = 3 A, f = 1 MHz
h
fe
4––
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 100 kHz
C
CB0
–
–
200 pF
Thermal resistance – Wärmewiderstand
junction to ambient air – Sperrschicht zu umgebender Luft
junction to case – Sperrschicht zu Gehäuse
R
thA
62.5 K/W
2)
R
thC
2 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M 4
9 ± 10% lb.in.
1 ± 10% Nm
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
TIP120, TIP121, TIP122
Equivalent Circuit – Ersatzschaltbild
B1
C2
E2
T1
T2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com