Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # TIP127
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP127 Datasheet(HTML) 1 Page - Diotec Semiconductor

  TIP127 Datasheet HTML 1Page - Diotec Semiconductor TIP127 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlußdrähte in 5 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
1
TIP125, TIP126, TIP127
Darlington Transistors
PNP
Si-Epitaxial PlanarTransistors
PNP
Si-Epitaxial PlanarTransistoren
Version 2004-07-01
Collector current – Kollektorstrom
5 A
Plastic case
TO-220AB
Kunststoffgehäuse
Weight approx. – Gewicht ca.
2.2 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
1 = B1
2 = C2
3 = E2
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25°C)
Grenzwerte (T
A = 25°C)
TIP125
TIP126
TIP127
Collector-Emitter-voltage
B open
- V
CE0
60 V
80 V
100 V
Collector-Base-voltage
E open
- V
CB0
60 V
80 V
100 V
Emitter-Base-voltage
C open
- V
EB0
50 V
Power dissipation – Verlustleistung
without cooling – ohne Kühlung
with cooling – mit Kühlung
T
C = 25°C
P
tot
P
tot
2 W
1)
65 W
Collector current – Kollektorstrom (dc)
- I
C
5 A
Peak Collector current – Kollektor-Spitzenstrom - I
CM
8 A
Base current – Basisstrom (dc)
- I
B
120 mA
Junction temperature – Sperrschichttemperatur
T
j
- 65…+ 150°C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150°C
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
Collector-Emitter cutoff current – Kollektorreststrom
I
B = 0, - VCE = 30 V
I
B = 0, - VCE = 40 V
I
B = 0, - VCE = 50 V
TIP125
TIP126
TIP127
- I
CE0
- I
CE0
- I
CE0
–
–
–
–
–
–
500 nA
500 nA
500 nA
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, - VCB = 60 V
I
E = 0, - VCB = 80 V
I
E = 0, - VCB = 100 V
TIP125
TIP126
TIP127
- I
CB0
- I
CB0
- I
CB0
–
–
–
–
–
–
200 nA
200 nA
200 nA


Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP127 MOTOROLA-TIP127 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results

Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP32 DIOTEC-TIP32 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com