Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8N80 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 8N80
Description  Drain Current ?밒D= 8A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

8N80 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  8N80 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 8N80 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc N-Channel Mosfet Transistor
8N80
·
FEATURES
·
Drain Current –ID= 8A@ TC=25℃
·
Drain Source Voltage-
: VDSS=800V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 1.55Ω(Max)
·
Avalanche Energy Specified
·
Fast Switching
·
Simple Drive Requirements
·
DESCRITION
·
Designed for high efficiency switch mode power supply.
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
800
V
VGS
Gate-Source Voltage-Continuous
±
30
V
ID
Drain Current-Continuous
8
A
IDM
Drain Current-Single Plused
32
A
PD
Total Dissipation @TC=25℃
178
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature
-55~150


Similar Part No. - 8N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N80 UTC-8N80 Datasheet
185Kb / 5P
800V N-CHANNEL MOSFET
logo
Nell Semiconductor Co.,...
8N80 NELLSEMI-8N80 Datasheet
464Kb / 8P
N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
8N80 WXDH-8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
8N80 WXDH-8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - 8N80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK756 ISC-2SK756 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1039 ISC-2SK1039 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK934 ISC-2SK934 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1319 ISC-2SK1319 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1448 ISC-2SK1448 Datasheet
68Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1451 ISC-2SK1451 Datasheet
69Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1465 ISC-2SK1465 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1569 ISC-2SK1569 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com