Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPD1 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZPD1
Description  Silicon-Planar-Zener-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPD1 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZPD1 Datasheet HTML 1Page - Diotec Semiconductor ZPD1 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
211
28.02.2002
ZPD 1 … ZPD 75 (500 mW)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spanng. 2)
I
Z = 5 mA
V
zmin
[V] V
zmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [
S] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
...of Z-voltage
...der Z-spanng.
"
VZ [10
-4/
/C]
Reverse volt.
Sperrspanng.
I
R = 100 nA
V
R [V]
Z-current 1)
Z-Strom 2)
I
zmax [mA]
T
A = 25
/C
ZPD 1 3)
0.71
0.82
6.5 (<8)
< 50
–26…–23
–
550
ZPD 2.7
2,5
2.9
75 (<83)
< 500
–9…–4
–
200
ZPD 3.0
2,8
3.2
80 (<95)
< 500
–9…–3
–
179
ZPD 3.3
3,1
3.5
80 (<95)
< 500
–8…–3
–
161
ZPD 3.6
3,4
3,8
80 (<95)
< 500
–8…–3
–
147
ZPD 3.9
3.7
4.1
80 (<95)
< 500
–7…–3
–
135
ZPD 4.3
4.0
4.6
70 (<85)
< 500
–6…–1
–
125
ZPD 4.7
4.4
5.0
60 (<78)
< 500
–5…+2
–
114
ZPD 5.1
4.8
5.4
30 (<60)
< 480
–3…+4
> 0.8
104
ZPD 5.6
5.2
6.0
10 (<40)
< 400
–2…+6
> 1
96
ZPD 6.2
5.8
6.6
5 (<10)
< 200
–1…+7
> 2
86
ZPD 6.8
6.4
7.2
4.5 (<8)
< 150
+2…+7
> 3
78
ZPD 7.5
7.0
7.9
4 (<7)
< 50
+3…+7
> 5
71
ZPD 8.2
7.7
8.7
4.5 (<7)
< 50
+4…+7
> 6
65
ZPD 9.1
8.5
9.6
5 (<10)
< 50
+5…+8
> 7
59
ZPD 10
9.4
10.6
5.2 (<15)
< 70
+5…+8
> 7.5
53
ZPD 11
10.4
11.6
6 (<20)
< 70
+5…+9
> 8.5
48
ZPD 12
11.4
12.7
7 (<20)
< 90
+6…+9
> 9
44
ZPD 13
12.4
14.1
9 (<25)
< 110
+7…+9
> 10
40
ZPD 15
13.8
15,6
11 (<30)
< 110
+7…+9
> 11
36
ZPD 16
15.3
17.1
13 (<40)
< 170
+8…+9.5
> 12
33
ZPD 18
16.8
19.1
18 (<50)
< 170
+8…+9.5
> 14
30
ZPD 20
18.8
21.2
20 (<50)
< 220
+8…+10
> 15
27
ZPD 22
20.8
23.3
25 (<55)
< 220
+8…+10
> 17
24
ZPD 24
22.8
25.6
28 (<70)
< 220
+8…+10
> 18
22
ZPD 27
25.1
28.9
30 (<80)
< 250
+8…+10
> 20
20
ZPD 30
28
32
35 (<80)
< 250
+8…+10
> 22
18
ZPD 33
31
35
40 (<80)
< 250
+8…+10
> 24
16
ZPD 36
34
38
40 (<90)
< 250
+8…+10
> 26
15
ZPD 39
37
41
50 (<90)
< 300
+10…+12
> 28
14
ZPD 43
40
46
60 (<100)
< 500
+10…+12
> 30
13
ZPD 47
44
50
70 (<110)
< 700
+10…+12
> 33
11
ZPD 51
48
54
80 (<125)
< 700
+10…+12
> 36
10
ZPD 56
52
60
90 (<135)
< 750
+10…+12
> 39
10
ZPD 62
58
66
100 (<150)
< 800
+10…+12
> 44
8
ZPD 68
64
72
110 (<200)
< 850
+10…+12
> 48
7
ZPD 75
70
79
120 (<250)
< 900
+10…+12
> 52
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com